Part Number Hot Search : 
LB1695M BD25B DCJ010 NH1302A T121020 KSB1366 LB1665 PTB200
Product Description
Full Text Search
 

To Download MT9V403 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1/2-INCH VGA (WITH FREEZE-FRAME) CMOS ACTIVE-PIXEL DIGITAL IMAGE SENSOR
1/2-INCH CMOS ACTIVEPIXEL CMOS IMAGE SENSOR
Features
* Array Format: Active: 659H x 494V * Pixel Size and Type: 9.9m x 9.9m TrueSNAPTM (shuttered-node active pixel) * Optical Format: 1/2-inch * Frame Rate: 0-200 frames/sec progressive scan * Data Rate: 66 MB/s (master clock 66 MHz) * Responsivity: 2.0 V/lux-sec with source Illumination at 550nm * SNR: 45dB * ADC: On-chip, 10-bit * Power: 130mW at 200 fps * Supply Voltage: +3.3V * Internal Intra-Scene Dynamic Range: 60dB * Operating Temperature: -5C to +70C * Output: 10-bit digital through a single port * Shutter: TrueSNAP freeze-frame electronic shutter * Interface Mode: Master/Snapshot/Slave (with simultaneous or sequential exposure/readout) * Shutter Efficiency: 98.5% * Shutter Exposure Time: * Master Mode or Snapshot Mode: 2 rows to 256 frames (20s to 1.3 sec with 66 MHz clock) * Slave Mode: user controlled * Gain: 1x-18x (step size = 1) or 0.5x-9x (step size = 0.5) * Control Interface: Two-wire serial interface * Package: 48-pin CLCC * Timing and Control: On-chip: * ADC controls, output multiplexing, ADC calibration via two-wire serial interface, exposure time, read/write ADC calibration coefficients, window size and location, gain, biases, master vs. snapshot vs. slave, simultaneous vs. continuous exposure/readout, progressive vs. interlace, ADC reference, vertical and horizontal blanking. Off-chip: * Exposure trigger (snapshot mode), exposure and readout timing (slave mode) * Color Specifications: monochrome or color (Bayer pattern)
MT9V403
Micron Part Number: MT9V403C12ST
Description
The Micron(R) Imaging MT9V403 VGA-based CMOS active-pixel sensor has a 1/2-inch optical format and delivers superb resolution at a turbocharged 200 fps, making it the perfect solution for machine vision assembly lines, airbag deployment, golf swing analysis, and special effects in movies. The freeze-frame shutter allows the signal charges of all pixels to be integrated in parallel--all pixels start integrating simultaneously and stop integrating simultaneously. The charges are then sampled into pixel analog memories (one memory per pixel) and consequently, row by row, are digitized and read out-of-chip. The sensor works in master, snapshot, or slave mode. In master mode it generates the readout timing on-chip. In snapshot mode it accepts an external trigger and then generates the readout timing. In slave mode the sensor accepts external readout timing. The integration time is programmed through the two-wire serial interface (master or snapshot mode) or controlled via externallygenerated control signals (slave mode). The scanning mode can be progressive or interlaced. There is also an option to scan just a window of interest by choosing start row and column and stop row and column. The user can control the frame rate and row rate through the use of vertical and horizontal blanking as well as the master clock frequency. The readout of the data out of the chip can be done simultaneously with integration and ADC operation due to the two-cell SRAM which allows data from the previously converted row to be shifted into the output memory for readout. The sensor's ADCs contain special self-calibrating circuitry that allow the sensor to reduce its own column-wise fixed pattern noise. The calibration coefficients can be read from, and written to, the sensor.
09005aef80c07280 MT9V403_DS.fm - Rev. B 1/04 EN
1
(c)2004 Micron Technology, Inc.
PRODUCTS AND SPECIFICATIONS DISCUSSED HEREIN ARE SUBJECT TO CHANGE BY MICRON WITHOUT NOTICE.
1/2-INCH VGA (WITH FREEZE-FRAME) CMOS ACTIVE-PIXEL DIGITAL IMAGE SENSOR
Figure 1: Block Diagram
Expose
Frame
Row Sensor Interface Block Control Logic Row Decoder
Pixel Array
System Clock Reset
Gain Control
Column PGA
Calibration Data System Clock System Data Two-Wire Serial Interface
Column ADCs and calibration memory 667H x 10 SRAM (x2) ADC and Output Registers Output (9:0)
Readout Control
Table 1:
Pin Description
TYPE Input Input Input DESCRIPTIONS Clock input for entire chip. Maximum design frequency is 66 MHz (50 percent, 5 percent duty cycle). Global logic RESET function (asynchronous). Active low pulse with minimum duration 200ns. Slave mode input signal. Starts row processing sequence of the pixel row (i.e., pixel readout, ADC conversion, and writing of data to ADC registers). The rising edge of ROW_STRT should be synchronous with the falling edge of SYSCLK. A one-clock cycle wide active high pulse. The two-wire serial interface register setting switches this pin between input and output. Slave mode input signal. An active LOW signal that enables the column counter and initiates the readout process. Causes the 10-bit output port to be updated with data on the rising edge of the system clock. The two-wire serial interface register setting switches this pin between input and output. Trigger for snapshot mode. The two-wire serial interface register setting switches this pin between input and output. No connection should be made in slave mode. Slave mode input signal. Active low pulse that resets all photodetectors, starting a new integration cycle. No connection should be made in master mode or snapshot mode. Slave mode input signal. Active low pulse that controls transfer of charge from photodetector to memory inside each pixel for the entire pixel array. No connection should be made in master mode or snapshot mode. Slave mode input signal. Active low pulse to reset all pixel memories. No connection should be made in master mode or snapshot mode. Serial port clock. Maximum frequency is 1 MHz. Bias setting voltage for VLN_AMP or VLN_OUT. VLN_AMP and VLN_OUT can be individually disconnected from their internal biases via the two-wire serial interface and driven by this input. Bias setting voltage for pixel source following operating current. Bias setting voltage for the column source follower operating current. Dark offset cancellation. Polarity of offset is set via the two-wire serial interface. Op amp bias.
PIN NUMBERS SIGNAL NAME 37 33 30 SYSCLK LRST_N ROW_STRT
31
LD_SHFT_N
Input
29
EXPOSE
Input
26
PG_N
Input
25
TX_N
Input
24 38 18
RESMEM SCLK VLNS
Input Input Input
17 19 13 16
09005aef80c07280 MT9V403_DS.fm - Rev. B 1/04 EN
VLN1 VLP VOFF VREF
Input Input Input Input
2
Micron Technology, Inc., reserves the right to change products or specifications without notice. (c)2004 Micron Technology. Inc.
1/2-INCH VGA (WITH FREEZE-FRAME) CMOS ACTIVE-PIXEL DIGITAL IMAGE SENSOR
Table 1: Pin Description (continued)
TYPE Input Input Input Input DESCRIPTIONS ADC reference voltage that sets the maximum input signal level, setting the size of the least significant bit (LSB) in the analog to digital conversion process. ADC bias. ADC reference used for the calibration operation. Slave mode input signal. Active low pulse to reset row and column counters, providing frame synchronization. Low duration should be at least two-clock cycles wide. An input that is held LOW also sets the sensor in LOW, per standby mode, until it is released. Signal is pulled up on-chip. The user should ground this pin. Offset that may be needed for very short exposure conditions. Bias setting voltage for the ADC operating current. Serial port data. Master mode and snapshot mode output signal. Active HIGH during readout. The two-wire serial interface register setting switches this pin between input and output. Master mode and snapshot mode output signal. Active HIGH when image data are on data output bus. The two-wire serial interface register setting switches this pin between input and output. Master mode output signal. Active HIGH during exposure. The two-wire serial interface register setting switches this pin between input and output. Pixel output data bit 9 (MSB). Pixel output data bit 8. Pixel output data bit 7. Pixel output data bit 6. Pixel output data bit 5. Pixel output data bit 4. Pixel output data bit 3. Pixel output data bit 2. Pixel output data bit 1. Pixel output data bit 0 (LSB). 3.3V power supply for analog signal processing circuitry. Power supply for pixel array. Set for 2.5V. Ground for analog signal processing circuitry. 3.3V digital power supply. Ground for digital circuitry.
PIN NUMBERS SIGNAL NAME 9 8 7 32 VREF1 VREF1DRV VREF2 FRAME_SYNC_N
14 23 21 39 30
VTEST VRSTLOW VLN2 SDATA FRAME_VALID
Input Input Input Input/ Output Output
31
ROW_VALID
Output
29 41 40 45 42 46 47 48 1 2 3 12, 22 20 10, 11, 15 6, 27, 36, 43 4, 5, 28, 34, 35, 44
EXPOSE DATA9 DATA8 DATA7 DATA6 DATA5 DATA4 DATA3 DATA2 DATA1 DATA0 VAA VRST_PIX AGND VDD DGND
Output Output Output Output Output Output Output Output Output Output Output Power Power Power Power Power
09005aef80c07280 MT9V403_DS.fm - Rev. B 1/04 EN
3
Micron Technology, Inc., reserves the right to change products or specifications without notice. (c)2004 Micron Technology. Inc.
1/2-INCH VGA (WITH FREEZE-FRAME) CMOS ACTIVE-PIXEL DIGITAL IMAGE SENSOR
Pixel Data Format
The pixel array descriptions and details are shown below. signals utilized in master mode are depicted in Figure 4. In master mode, the start of the integration period is determined internal to the MT9V403.
Figure 2: Pixel Array Description
(502, 667) 8
Figure 4: Master Mode Interface Signals
EXPOSE SYSCLK
Dark and Isolation Pixels
Active Pixel Array
FRAME_VALID
494
CONTROLLER
ROW_VALID DATA
MT9V4O3
(1, 1)
LRST_N
8
659
Figure 3: Pixel Color Pattern Detail (Bottom Left Corner)
black pixels
G B G B G B G R G R G R G R G B G B G B G R G R G R G R G B G B G B G R G R G R G R G B G B G B G
Output Format and Timing
The sensor can operate in three interface modes: master, snapshot, or slave mode. Additionally, master mode can be setup to allow simultaneous integration and readout (simultaneous master mode) or sequential integration and readout (sequential master mode). Mode selection is done via the two-wire serial interface, taking less than one frame time to switch between modes. The default register settings program the imager to read out the visible pixels. Therefore, the start row is 1, start column is 9, end row is 480 and the end column is 648. Master Mode In master mode the sensor internally generates the timing to initiate exposure and readout. The interface
The integration time is pre-programmed via the two-wire serial interface and indicated by the EXPOSE signal going HIGH. When the sensor commences, the readout process the FRAME_VALID, ROW_VALID, and DATA signals are output, as shown in Figure 5 on page 5. The master mode row synchronization waveform relationships are as shown in Figure 5 on page 5. The FRAME_VALID signal goes HIGH, indicating the start of frame, and 2.5 clock cycles later the ROW_VALID signal goes HIGH, indicating the start of the first row. The first data bit is valid on the first falling edge of SYSCLK after ROW_VALID goes HIGH. The remaining 665 pixels for the row are valid on the subsequent falling edges of SYSCLK, after which ROW_VALID returns to the LOW state. (Please note that in master mode 648 pixels are readout for each row.) The ROW_VALID will then be an active HIGH envelope for subsequent rows and the FRAME_VALID signal will be an active HIGH envelope for subsequent frames. The time required for one complete row operation is 671 clock cycles: 1 clock cycle delay + 666 columns + 4 clock cycles when ROW_VALID is LOW. With a SYSCLK of 66 MHz, this translates into a row time of 10.2s and a frame time of 5.1ms for full resolution (502 rows). This assumes there is no vertical blanking or horizontal blanking and that the exposure time is less than 5.1ms. If exposure time becomes greater than 5.1ms, the frame time then becomes the inverse of the exposure time (1/[exposure time]).
09005aef80c07280 MT9V403_DS.fm - Rev. B 1/04 EN
4
Micron Technology, Inc., reserves the right to change products or specifications without notice. (c)2004 Micron Technology. Inc.
1/2-INCH VGA (WITH FREEZE-FRAME) CMOS ACTIVE-PIXEL DIGITAL IMAGE SENSOR
Figure 5: Master Mode Row Timing Diagram
1 12 652 653 671 671 + 169 1 12
SYSCLK (input) ROW _VALID (output) DATA [9:0] (output)
(( ))
(( )) (( ))
(( ))
Horizontal Blanking
(( ))
XXX
9
10
(( )) (( ))
648
649
XXX
(( )) (( ))
9
10
NOTE: Horizontal blanking is nominally 35 rows, and may be increased using register 5.
In master mode the frame rate is controlled by inserting vertical and/or horizontal blanking periods during readout, or by changing the input master clock (SYSCLK) frequency (i.e., slowing the sensor down), or
by changing the number of rows being readout (i.e., window size). Table 2 shows some examples of how the frame rate changes with window resolution and clock speed.
Table 2:
Frame Rate vs. Resolution and Clock Speed
CLOCK SPEED (SYSCLK) 66 MHz 66 MHz 66 MHz 66 MHz 24 MHz 24MHz 24 MHz 24 MHz 10 MHz FRAME RATE (FRAMES/SECOND) 196 392 784 1568 70 140 280 560 30
No blanking, exposure < readout RESOLUTION (# ROWS) 502 (full resolution) 251 125 63 502 (full resolution) 251 125 63 502 (full resolution)
When horizontal blanking is utilized, the ROW_VALID stays LOW for an additional user-programmable number of clock cycles after each row readout. As a result the row time becomes: RT = (1 + 66 6+ 4 + HB) x (1/fsysclk) where HB is the horizontal blanking in SYSCLK cycles (255 clock maximum) specified in register 5. When vertical blanking is utilized, the FRAME_ VALID signal stays LOW for an additional user pro-
grammable number of rows after the frame is readout (if exposure time < readout time) or exposed (if exposure time > readout time). Table 3 on page 6 shows the various scenarios for calculating the frame time, where VB is the vertical blanking in rows (255 rows maximum) specified in register 6. The default vertical blanking is one SYSCLK cycle, so the true vertical blanking time is the number of blanking rows programmed plus one clock cycle.
09005aef80c07280 MT9V403_DS.fm - Rev. B 1/04 EN
5
Micron Technology, Inc., reserves the right to change products or specifications without notice. (c)2004 Micron Technology. Inc.
1/2-INCH VGA (WITH FREEZE-FRAME) CMOS ACTIVE-PIXEL DIGITAL IMAGE SENSOR
Table 3: Determination of Frame Timing
EXPOSURE TIME > READOUT TIME No Blanking With Vertical Blanking NOTE: N = number of rows in image RT = row time VB = vertical blanking rows (255 rows maximum); set in register 6 HB = horizontal blanking in SYSCLK cycles (255 maximum); set forth in register 6 Frame Time = Exposure Time Frame Time = Exposure Time + VB READOUT TIME > EXPOSURE TIME Frame Time = N x RT Frame Time = (N + VB) x RT
Simultaneous Master Mode There are two possible operation methods for master mode: simultaneous master mode and sequential master mode. One of these operation modes must be selected via the two-wire serial interface. In simultaneous master mode the exposure period occurs during readout. The frame synchronization waveforms are
shown in Figure 6 and Figure 7. This is the fastest mode of operation since the exposure and readout are happening in parallel rather than sequentially. Please note that with this speed optimized timing the first row readout is the last row of the previous frame that is still in the row memory.
Figure 6: Simultaneous Master Mode Frame Synchronization Waveforms readout time > exposure time
EXPOSE (output) FRAME_VALID (output) ROW_VALID (output) DATA [9:0] (output)
NOTE: Vertical blanking is nominally 1 SYSCLK and 0 row times, and may be increased by using register 6.
XXX
Row Row 1 2
(( )) (( )) (( )) (( )) (( )) (( ))
Exposure Time
(( ))
(( ))
Vertical Blanking
(( )) (( ))
XXX
(( ))
Row Row N-1 N
(( )) (( ))
XXX
(( ))
Row Row Row XXX Row Row Row 481 1 2 478 479 480
(( )) (( ))
XXX
(( ))
Row Row N-1 N
(( )) (( ))
XXX
(( ))
Row Row Row 478 479 480
Figure 7: Simultaneous Master Mode Frame Synchronization Waveforms exposure time > readout time
EXPOSE (output) FRAME_VALID (output) ROW_VALID (output) DATA [9:0] (output)
XXX Row Row 1 2
(( ))
Exposure Time
(( ))
Vertical Blanking
(( )) (( ))
(( )) (( )) (( ))
Row Row Row 478 479 480
XXX
(( ))
(( )) (( ))
Row Row Row 1 2 481
(( )) (( ))
Row Row Row 478 479 480
NOTE: Vertical blanking is nominally 1 SYSCLK and 0 row times, and may be increased by using register 6.
09005aef80c07280 MT9V403_DS.fm - Rev. B 1/04 EN
6
Micron Technology, Inc., reserves the right to change products or specifications without notice. (c)2004 Micron Technology. Inc.
1/2-INCH VGA (WITH FREEZE-FRAME) CMOS ACTIVE-PIXEL DIGITAL IMAGE SENSOR
Sequential Master Mode In sequential master mode the exposure period is followed by readout. The frame synchronization waveforms for sequential master mode are shown in Figure 8.
Figure 8: Sequential Master Mode Frame Synchronization Waveforms
EXPOSE (output) FRAME_VALID (output) ROW_VALID (output) DATA [9:0] (output)
NOTE: Vertical blanking is nominally 1 SYSCLK and 0 row times, and may be increased by using register 6.
(( )) (( )) (( )) (( )) (( )) (( )) (( ))
Vertical Blanking
(( ))
(( )) (( ))
(( )) (( )) (( ))
(( )) (( ))
(( )) (( )) (( ))
XXX
(( ))
Row Row 1 2
Row Row Row 478 479 480
XXX
(( ))
Row Row 1 2
Row Row Row XXX 478 479 480
Snapshot Mode
In snapshot mode the sensor accepts an input trigger signal that initiates exposure, which is immediately followed by readout. The interface signals utilized in snapshot mode are depicted in Figure 9. In snapshot mode the start of the integration period is determined by the externally applied EXPOSE pulse that the user inputs to the MT9V403. The integration time is preprogrammed via the two-wire interface. After each frame's integration period is complete, the readout process commences and the FRAME_VALID, ROW_ VALID, and DATA signals are output. Snapshot mode can be used to capture a single image or a sequence of images. The frame rate is controlled only by changing the period of the user supplied EXPOSE pulse train. The frame synchronization waveforms for snapshot mode are shown in Figure 9. Insertion of horizontal blanking periods (specified via the two-wire serial interface register) during readout is allowed, but the user controls the vertical blanking by controlling the input EXPOSE pulse.
Figure 9: Snapshot Mode Interface Signals
EXPOSE SYSCLK FRAME_VALID
CONTROLLER
ROW_VALID DATA LRST_N
MT9V4O3
Figure 10: Snapshot Mode Frame Synchronization Waveforms
EXPOSE (input) FRAME_VALID (output) ROW_VALID (output) DATA [9:0] (output)
(( ))
*
(( )) (( ))
(( ))
(( )) (( ))
Exposure Time
(( ))
(( ))
(( )) (( ))
(( ))
(( ))
(( ))
XXX
(( ))
Row Row 1 2
(( )) (( ))
Row Row Row 478 479 480
(( )) (( ))
XXX
Row Row 1 2
(( )) (( ))
Row Row Row XXX 478 479 480
* Row_Valid goes HIGH after (2.5 + (column start -1)) clocks + 1 row time
09005aef80c07280 MT9V403_DS.fm - Rev. B 1/04 EN
7
Micron Technology, Inc., reserves the right to change products or specifications without notice. (c)2004 Micron Technology. Inc.
1/2-INCH VGA (WITH FREEZE-FRAME) CMOS ACTIVE-PIXEL DIGITAL IMAGE SENSOR
Slave Mode
Slave mode allows the user much greater control of the sensor. The interface signals utilized in slave mode are depicted in Figure 11. The user can start and stop integration through the use of PG_N and TX_N, respectively. The use of the RESMEM signal to reset pixel memories prior to ending exposure (TX_N) is optional. The readout process is controlled by usersupplied row control signals (ROW_STRT and LD_SHFT_N). Additionally, the FRAME_SYNC _N signal may be used for frame synchronization. The column counter selects the column output SRAM cells for off-chip readout at the speed of SYSCLK. LD_SHFT_N enables the column counter when LOW. Data is output 3.5 clocks after LD_SHFT_N goes LOW. The column counter is zeroed when LD_SHFT_N is HIGH; if LD_SHFT is not high the counter will continue. The row counter and column counter may be zeroed using the CLEAR signal, which is driven by register 14. The user can set the CLEAR signal by writing to this register through the two-wire serial interface or by pulling down the FRAME_SYNC_N signal for two clock cycles. When operating in slave mode, the user should keep in mind that both the row and column counters count between the START and STOP values, which are set in registers 1-4 via the two-wire serial interface. Sufficient time should be allocated to allow the counters to complete. It must also be emphasized that the row sequencer always requires 671 clock cycles independent of the START and STOP values (i.e., window size). Horizontal blanking may be achieved between rows by holding LD_SHFT_N HIGH and delaying the application of the ROW_STRT rising edge. Additionally, it is possible to operate the sensor in a pipelined manner or non-pipelined manner in slave mode (master mode is always pipelined). Pipelined operation means that a row of data is read out of the sensor at the same time that a new row is converted. This is accomplished through the dual SRAM banks that store one row for readout in one bank while the other bank is being filled with a newly converted row. As mentioned above, the ROW_STRT triggers the row conversion and LD_SHFT_N enables the data output. These can be applied nearly simultaneously to achieve pipelined operation or applied sequentially, offset by the row processing time, for non-pipelined operation. NOTE: To reduce horizontal temporal noise in slave mode, delay readout by 80 SYSCLK.
Figure 11: Slave Mode Interface Signals
PG_N TX_N SYSCLK FRAME_SYNC_N
CONTROLLER
ROW_STRT LD_SHFT_N DATA LRST_N
MT9V4O3
Figure 12 on page 9 shows the block diagram of the sensor for slave mode operation, where the sensor's digital block requires external synchronization inputs to trigger generation of the row conversion and readout sequence. The internal structure of the digital block in slave mode includes row counter, column counter, and row sequencer. The rising edge of the ROW_STRT signal increments the row counter to the next value and triggers the row sequencer. The row sequence duration is always equal to 671 clocks, which is fixed by the column parallel architecture. The duration of the ROW_STRT signal should be one clock cycle.
09005aef80c07280 MT9V403_DS.fm - Rev. B 1/04 EN
8
Micron Technology, Inc., reserves the right to change products or specifications without notice. (c)2004 Micron Technology. Inc.
1/2-INCH VGA (WITH FREEZE-FRAME) CMOS ACTIVE-PIXEL DIGITAL IMAGE SENSOR
Figure 12: Slave Mode Block Diagram
TX_N PG_N RESMEM
CLEAR
Row Counter (1 to 502 MAX)
Row Driver
Pixel Array
ROW_STRT
Row Sequencer (1 to 671)
Column Processing Circuitry (PGA, ADC)
SYSCLK LD_SHFT_N CLEAR
Column Counter (1 to 667 MAX)
667 x a10 Output SRAM (x2)
Output(9:0)
FRAME_SYNC_N
Two-Wire Serial Interface
Reg14
CLEAR
Simultaneous Slave Mode There are two possible operation methods for slave mode: simultaneous slave and sequential slave mode. The method of operation selected is determined by the means in which the user supplies the control signals. In simultaneous slave mode the exposure period occurs during readout. The row and frame synchroni-
zation waveforms are shown in Figures 13 and 14, respectively. This is the fastest mode of operation since the exposure and readout are happening in parallel rather than sequentially. The PG_N, TX_N, and RESMEM pulses should have a minimum duration of 338 clock cycles and be applied between the 100th and 600th clocks of a given row.
09005aef80c07280 MT9V403_DS.fm - Rev. B 1/04 EN
9
Micron Technology, Inc., reserves the right to change products or specifications without notice. (c)2004 Micron Technology. Inc.
1/2-INCH VGA (WITH FREEZE-FRAME) CMOS ACTIVE-PIXEL DIGITAL IMAGE SENSOR
Figure 13: Simultaneous Slave Mode Row Timing Diagram Example (Default Settings)
1 >100 <600 671
SYSCLK (input) PG_N/TX_N/ RESMEM (input) FRAME_SYNC_N (input) ROW_STRT (input) LD_SHFT_N (input) DATA [9:0] (output)
XXX 9 10
(( )) (( ))
(( ))
(( )) (( ))
(( )) (( )) (( )) (( ))
Minimum 338 SYSCLK
(( ))
(( ))
(( ))
(( )) (( )) (( ))
(( ))
(( ))
(( (( )) )) ( ( XXX( ( )) ))
647
648
XXX
9
10
Figure 14: Simultaneous Slave Mode Frame Synchronization Waveforms Example
PG_N (input) RESMEM (input) TX_N (input) FRAME_SYNC_N (input) ROW_STRT (input) LD_SHFT_N (input) DATA [9:0] (output)
Row 502 Row 1 Row 2
(( ))
(( ))
(( ))
(( ))
(( ))
(( ))
(( ))
(( ))
(( ))
(( ))
(( ))
(( ))
Exposure Time
(( ))
(( ))
(( ))
(( ))
(( )) (( )) (( ))
Row N-1 Row N
(( )) (( )) (( ))
Row 499
(( ))
Row 500 Row 501 Row 502 Row 1 Row 2
(( ))
Row Row N-1 N
(( )) (( ))
(( )) (( ))
Row Row 499 500
Row 501
09005aef80c07280 MT9V403_DS.fm - Rev. B 1/04 EN
10
Micron Technology, Inc., reserves the right to change products or specifications without notice. (c)2004 Micron Technology. Inc.
1/2-INCH VGA (WITH FREEZE-FRAME) CMOS ACTIVE-PIXEL DIGITAL IMAGE SENSOR
Sequential Slave Mode In sequential slave mode the exposure period is followed by readout. The row and frame synchronization waveforms are shown in Figures 15 and 16, respectively.
Figure 15: Sequential Slave Mode Row Timing Diagram Example
1 671
(( )) (( )) (( )) (( )) (( )) (( )) (( ))
SYSCLK (input) RESMEM (input)
(( ))
>10 SYSCLK Minimum 338 SYSCLK
(( )) (( )) (( )) (( ))
TX_N (input) FRAME_SYNC_N (input) ROW_STRT (input) LD_SHFT_N (input) DATA [9:0] (output)
(( ))
(( ))
(( ))
>10 SYSCLK
(( ))
(( )) (( ))
(( )) (( ))
(( )) (( ))
(( ))
(( )) (( )) (( )) (( )) (( )) (( )) (( )) (( )) (( ))
XXX
1
2
666
667
XXX
1
2
3
4
Figure 16: Sequential Slave Mode Frame Synchronization Waveforms Example
PG_N (input) RESMEM (input) TX_N (input) FRAME_SYNC_N (input) ROW_STRT (input) LD_SHFT_N (input) DATA [9:0] (output)
Row 502 Row Row Row Row 1 2 3 4
Minimum Duration 338 SYSCLK Exposure Time Minimum Duration 338 SYSCLK
(( ))
(( ))
(( ))
Exposure Time
(( ))
(( ))
(( ))
(( ))
(( ))
(( ))
(( ))
(( )) (( )) (( ))
(( ))
Row Row Row Row Row 497 498 499 500 501
Row 502
Row 1
Row 2
Row 3
Row 4
(( )) (( ))
Row Row 497 498
Row 499
Row Row 500 501
09005aef80c07280 MT9V403_DS.fm - Rev. B 1/04 EN
11
Micron Technology, Inc., reserves the right to change products or specifications without notice. (c)2004 Micron Technology. Inc.
1/2-INCH VGA (WITH FREEZE-FRAME) CMOS ACTIVE-PIXEL DIGITAL IMAGE SENSOR
To increase intrascene dynamic range of the sensor in slave mode, the user can implement dual sampling. This is possible by applying an additional TX pulse during the integration period. By doing this, one combines two photo signals after different exposures. Figure 17 shows an example of the timing. N1 is the number of rows in the first exposure. N2 is the number of rows in the second exposure. N1 = 502 for the full frame exposure time. The intrascene dynamic range capability of the sensor is extended by the factor N1/ N2. For N1 = 500 and N2 = 2, the dynamic range enhancement is approximately 48 dB. Figure 18 shows output signal vs. photocurrent. The knee point is dependent on the VRSTLOW bias, which determines the charge capacity of the photodiode. The saturation level of photodiode must be less than the saturation level of the ADC. Setting VRSTLOW to 1.2V is enough for the default gain settings. The slope of the curve after the knee point or compression level is determined by the N1/N2 ratio.
Figure 17: Extended High Dynamic Range Timing in Slave Mode
N2 Exposure
TX_N PG_N DATA [9:0]
XXX
(( )) (( ))
N1
(( )) (( ))
XXX
Readout Time
Figure 18: Output Signal vs. Photocurrent
Signal Compressed region ADC saturation level
RI
Iph
09005aef80c07280 MT9V403_DS.fm - Rev. B 1/04 EN
12
Micron Technology, Inc., reserves the right to change products or specifications without notice. (c)2004 Micron Technology. Inc.
1/2-INCH VGA (WITH FREEZE-FRAME) CMOS ACTIVE-PIXEL DIGITAL IMAGE SENSOR
Serial Bus Description
Registers are written to and read from the MT9V403 through the two-wire serial interface bus. The MT9V403 is a two-wire serial interface slave with device ID "1011100x" and is controlled by the two-wire serial interface clock (SCLK), which is driven by the two-wire serial interface master. Data is transferred into and out through the two-wire serial interface data (SDATA) line. The SDATA line is pulled up to 3.3V offchip by a 1.5K resistor. Either the slave or master device can pull the SDATA line down--the two-wire serial interface protocol determines which device is allowed to pull the SDATA line down at any given time. slave address. The master then clocks out the register data eight bits at a time. The master sends an acknowledge bit after each eight-bit transfer. The register address should be incremented after every 16 bits is transferred. The data transfer is stopped when the master sends a no-acknowledge bit.
Bus Idle State
The bus is idle when both the data and clock lines are HIGH. Control of the bus is initiated with a start bit, and the bus is released with a stop bit. Only the master can generate the start and stop bits.
Protocol
The two-wire serial host interface bus defines several different transmission codes, as follows: * a start bit * the slave device eight-bit address * a(n) (no) acknowledge bit * an eight-bit message * a stop bit
Start Bit
The start bit is defined as a HIGH-to-LOW transition of the data line while the clock line is HIGH.
Stop Bit
The stop bit is defined as a LOW-to-HIGH transition of the data line while the clock line is HIGH.
Sequence
A typical read or write sequence begins by the master sending a start bit. After the start bit, the master sends the slave device's eight-bit address. The last bit of the address determines if the request will be a read or a write, where a "0" indicates a write (i.e., address B8h) and a "1" indicates a read (i.e., address B9h). The slave device acknowledges its address by sending an acknowledge bit back to the master. If the request was a write, the master then transfers the eight-bit register address to which a write should take place. The slave sends an acknowledge bit to indicate that the register address has been received. The master then transfers the data eight bits at a time, with the slave sending an acknowledge bit after each eightbits. The MT9V403 uses a 16-bit data for its internal registers, thus requiring two eight-bit transfers to write to one register. To write/read this 16-bit data, first perform a write/read the eight MSBs, then perform another write/read for eight LSBs. After 16 bits are transferred, the register address should be incremented, so that the next 16 bits are written to the next register address. The master stops writing by sending a start or stop bit. A typical read sequence is executed as follows. First the master sends the write-mode slave address and eight-bit register address, just as in the write request. The master then sends a start bit and the read-mode
Slave Address
The eight-bit address of a two-wire serial interface device consists of seven bits of address and one bit of direction. A "0" in the LSB of the address indicates write mode, and a "1" indicates read mode.
Data Bit Transfer
One data bit is transferred during each clock pulse. The two-wire serial interface clock pulse is provided by the master. The data must be stable during the HIGH period of the two-wire serial interface clock--it can only change when the two-wire serial interface clock is LOW. Data is transferred eight bits at a time, followed by an acknowledge bit.
Acknowledge Bit
The master generates the acknowledge clock pulse. The transmitter (which is the master when writing, or the slave when reading) releases the data line, and the receiver indicates an acknowledge bit by pulling the data line LOW during the acknowledge clock pulse.
No-Acknowledge Bit
The no-acknowledge bit is generated when the data line is not pulled down by the receiver during the acknowledge clock pulse. A no-acknowledge bit is used to terminate a read sequence.
09005aef80c07280 MT9V403_DS.fm - Rev. B 1/04 EN
13
Micron Technology, Inc., reserves the right to change products or specifications without notice. (c)2004 Micron Technology. Inc.
1/2-INCH VGA (WITH FREEZE-FRAME) CMOS ACTIVE-PIXEL DIGITAL IMAGE SENSOR
Two-Wire Serial Interface Sample Write and Read Sequences Example of a 16-Bit Write Sequence
A typical write sequence for writing 16 bits to a register is shown in Figure 19. A start bit given by the master, followed by the write address, starts the sequence. The image sensor will then give an acknowledge bit and expects the register address to come first, followed by the 16-bit data. After each eight bit, the image sensor will give an acknowledge bit. All 16 bits must be written before the register will be updated. After 16 bits are transferred, the register address should be incremented, so that the next 16 bits are written to the next register. The master stops writing by sending a start or stop bit.
Figure 19: Timing Diagram Showing a Write to Register 9 with the Value 644
SCLK
SDATA B8h ADDR START ACK Reg0x09 ACK 0000 0010 ACK 1000 0100 ACK
STOP
Example of a 16-Bit Read Sequence
A typical read sequence is shown in Figure 20. First the master has to write the register address, as in a write sequence. Then a start bit and the read address specifies that a read is about to happen from the register. The master then clocks out the register data eight
bits at a time. The master sends an acknowledge bit after each eight-bit transfer. The register address should be incremented after every 16 bits is transferred. The data transfer is stopped when the master sends a no-acknowledge bit.
Figure 20: Timing Diagram Showing a Read from Register 9; Returned Value is 642
SCLK
SDATA B8b ADDR START ACK Reg0x09 ACK B9h ADDR ACK 0000 0010 ACK 1000 0010 NACK
STOP
09005aef80c07280 MT9V403_DS.fm - Rev. B 1/04 EN
14
Micron Technology, Inc., reserves the right to change products or specifications without notice. (c)2004 Micron Technology. Inc.
1/2-INCH VGA (WITH FREEZE-FRAME) CMOS ACTIVE-PIXEL DIGITAL IMAGE SENSOR
Registers Table 4: Complete Register Description
READ/ WRITE CONTROL Read only W/R W/R W/R W/R W/R W/R W/R REGISTER NAME Reg0 Reg1 Reg2 Reg3 Reg4 Reg5 Reg6 Reg7 FUNCTION Chip Version. Row start address. Column start address. Stop row address. Stop column address. Number of blank columns (horizontal blanking). Number of blank rows (vertical blanking). Control mode. Bit 0 = 1 simultaneous mode. Bit 0 = 0 sequential mode. Bit 1 = 1 snapshot mode. Bit 2 = 1 master mode. Bits 3-7 not used; set to 0. Possible combinations are"00000101," "00000100," "00000010," "00000000". The last combination means slave mode. Number of frame times in integration time. Number of rows times in integration time. Maximum = 502. Minimum = 2. Interlaced mode control. Bit 0 = 1 interlaced mode 1. Readout of both fields even and odd. Bit 1 = 1 interlaced mode 1 = 2. Readout of only one field - even or odd. Depends on start row. Bits 2-7 not used; set to 0 Calibration control. Bit 0 = 1 calibration at the beginning of every frame. Dark offset enable and pixel memory reset pulse duration control. Bit 0 = 1 long reset pulse. Bit 1 = 1 dark offset of ADC input signal using VOFF is enabled. Bits 2-7 not used; set to 0. Clear signal control. Bit 0 = 1 reset row and column counters in digital block. Sensor is in idle mode. The two-wire serial interface works and it is still possible to WRITE/READ in registers. Changes of registers content follows without delay. Normally, change of register content occurs only at the beginning of next frame in cases where the two-wire serial interface data is not busy. ADC calibration data input register. VLN_AMP bias control. Bit 7 = 1 disable internal bias. Bit 0 = 1 high bias. Bit 1 = 1 low bias. Bits 3-6, 8-15 not used, set to 0. DEFAULT CONTENTS 0000001100000001 *******000000001 ******0000001001 *******111100000 ******1010001000 ********10101001 ********00100011 ********00000101 REGISTER ADDRESS 00000000 00000001 00000010 00000011 00000100 00000101 00000110 00000111
W/R W/R W/R
Reg8 Reg9 Reg10
********00000000 *******111110110 ********00000000
00001000 00001001 00001010
W/R W/R
Reg12 Reg13
********00000000 ********00000000
00001100 00001101
W/R
Reg14
********00000000
00001110
Write only W/R
Reg15 Reg16
*********0000000 0000000000000000
00001111 00010000
09005aef80c07280 MT9V403_DS.fm - Rev. B 1/04 EN
15
Micron Technology, Inc., reserves the right to change products or specifications without notice. (c)2004 Micron Technology. Inc.
1/2-INCH VGA (WITH FREEZE-FRAME) CMOS ACTIVE-PIXEL DIGITAL IMAGE SENSOR
Table 4:
READ/ WRITE CONTROL W/R
Complete Register Description (continued)
REGISTER NAME Reg17 FUNCTION VLN2 bias control. Bit 7 = 1 disable internal bias. Bit 0 = 1 high bias. Bit 1 = 1 low bias. Bits 3-15 not used, set to 0. VLN_OUT bias control. Bit 7 = 1disable internal bias. Bit 0 = 1 high bias. Bit 1 = 1 low bias. Bits 3-6, 8-15 not used, set to 0. VLN1 bias control. Bit 7 = disable internal bias. Bit 0 = 1 high bias. Bit 1 = 1 low bias. Bits 3-6, 8-15 not used, set to 0. VLP bias control. Bit 7 = 1 disable internal control. Bit 0 = 1 high bias. Bit 1 = 1 low bias. Bits 3-6, 8-15 not used, set to 0. VREF bias control. Bit 0-3 = bias value. Bit 7 = 1 disable internal bias. Bits 4-6, 8-15 not used, set to 0. VREF2 bias control. Bit 0-3 bias value. Bit 7= 1 disable internal bias. Bits 4-6, 8-15 not used, set to 0. VOFF bias control. Bit 0-3 bias value. Bit 6 = 1 sign of offset is negative. Bit 7 = 1 disable internal bias. Bits 4-5, 8-15 not used, set to 0. VLN2 bias booster. Bit 3 = 1 high bias. Blue gain settings. Default gain is 2. Gain settings range is from 1 (00000001) to 18 (00010010). Green 1 gain settings. Default gain is 2. Gain settings range is from 1 (00000001) to 18 (00010010). Green 2 gain settings. Default gain is 2. Gain settings range is from 1 (00000001) to 18 (00010010). Red gain settings. Default gain is 2. Gain settings range is from 1 (00000001) to 18 (00010010). Global gain control. Bit 0 = 1 gain is multiplied by factor of 0.5 DEFAULT CONTENTS 0000000000000000 REGISTER ADDRESS 00010001
W/R
Reg18
0000000000000000
00010010
W/R
Reg19
0000000000000000
00010011
W/R
Reg20
0000000000000000
00010100
W/R
Reg21
0000000000001010
00010101
W/R
Reg22
0000000000001010
00010110
W/R
Reg23
0000000000000000
00010111
W/R W/R
Reg29 Reg43
0000000000000000 ********00000010
00011101 00101011
W/R
Reg44
********00000010
00101100
W/R
Reg45
********00000010
00101101
W/R
Reg46
********00000010
00101110
W/R
Reg53
*********0000000
00110101
09005aef80c07280 MT9V403_DS.fm - Rev. B 1/04 EN
16
Micron Technology, Inc., reserves the right to change products or specifications without notice. (c)2004 Micron Technology. Inc.
1/2-INCH VGA (WITH FREEZE-FRAME) CMOS ACTIVE-PIXEL DIGITAL IMAGE SENSOR
Table 4:
READ/ WRITE CONTROL W/R
Complete Register Description (continued)
REGISTER NAME Reg59 FUNCTION VREF1 bias control. Bits 0-3 bias value. Bit 7 = 1 disable internal bias. Bits 4-6, 8-15 not used, set to 0. ADC calibration data output register. DEFAULT CONTENTS 0000000000001100 REGISTER ADDRESS 0011101
Read only
Reg143
*********0000000
10001111
Register Start-up Sequence
Upon powering up the MT9V403, the sensor should be reset by bringing the LRST_N pin LOW. This will initialize all of the registers to their default values. Upon the release of reset, the sensor will perform ADC calibration. The default mode is simultaneous master mode with the horizontal blanking register set to 169 and the vertical blanking register set to 35. The default frame size is 648 x 480 pixels, excluding dark pixels. The first frame starts just three SYSCLK cycles after the
end of calibration and the integration process takes place during this frame but valid data for the first pixel row is not output until the second frame. All two-wire serial interface parameters can be written to registers at any time but they do not take effect until the subsequent frame. Writing to two-wire serial interface registers has no effect on the output timing (i.e., it does not slow down or stop output); the exception to this rule is when the sensor is commanded to perform ADC calibration.
Feature Description Signal Path
An example of the signal path is shown below in Figure 21.
Figure 21: Signal Path
Pixel
Photo Detector
End Exposure Switch (TX)
Pixel Memory
Reset Memory Switch (RESMEM)
Column Processing
ADC Calibration
Buffer PGA Buffer
VREF2
DAC 7
Start Exposure Switch (PG)
VREF1 Sample & Hold ADC VLN2 Offset VOFF/20
10
+
VLP VLN_AMP
To ADC registers
VRST_PIX
VAA
VLN1 VREF
VLN_OUT
09005aef80c07280 MT9V403_DS.fm - Rev. B 1/04 EN
17
Micron Technology, Inc., reserves the right to change products or specifications without notice. (c)2004 Micron Technology. Inc.
1/2-INCH VGA (WITH FREEZE-FRAME) CMOS ACTIVE-PIXEL DIGITAL IMAGE SENSOR
Window Location and Size
There is also an option to scan just a window of interest by using the two-wire serial interface to specify the coordinates of the upper right most pixel and the lower left most pixel to define the desired windowing area as shown in Figure 22. The user can increase the frame rate by decreasing the number of rows in a window. Decreasing the number of columns has no effect on frame rate. For example, for the full 667 column by 502 row resolution the MT9V403 operates at 196 fps, but if the vertical resolution is decreased by half (i.e., 251 rows) the frame rate increases proportionally so the frame rate is doubled to 392 fps. When windowing is utilized, the user should be aware of how the sensor timing is impacted. A key point to note is that the row time is always 671 clock cycles, independent of how many columns are actually read out of the sensor. Figure 23 provides a master mode row timing example for windowing from column 100 to column 200. This shows how changing the number of columns in a window will not change the timing nor the frame rate. Figure 24 provides a master mode frame timing example for windowing from row 300 to row 400. This shows how changing the number of rows in a window will increase the frame rate.
Figure 22: Windowing Example
(502,667) STOP WINDOW (ROW,COLUMN)
START WINDOW (ROW,COLUMN) (1, 1)
Figure 23: Row Timing for Master Mode and Snapshot Mode with Windowing
1 671 1
SYSCLK (input) ROW_VALID (output) DATA [9:0] (output)
XXX
(( ))
(( )) (( ))
(( ))
(( ))
(( )) (( ))
(( )) (( )) (( )) (( )) (( ))
(( )) (( )) (( ))
(( )) (( )) (( )) (( )) ( ( 199 ))
100
101
XXX
199
200
XXX
100
101
XXX
200
Start Column
Stop Column
Figure 24: Frame Timing for Master Mode and Snapshot Mode with Windowing
FRAME_VALID (output) ROW_VALID (output) DATA [9:0] (output)
XXX
Row Row 300 301
(( )) (( )) (( )) (( ))
Vertical Blanking
XXX
(( ))
(( )) (( ))
Row Row N-1 N
XXX
(( ))
(( )) (( ))
Row Row Row 397 398 399
XXX
Row Row 300 301
(( )) (( )) (( ))
Row Row N-1 N
(( )) (( )) (( ))
Row Row Row 397 398 399
Start Row
Stop Row
09005aef80c07280 MT9V403_DS.fm - Rev. B 1/04 EN
18
Micron Technology, Inc., reserves the right to change products or specifications without notice. (c)2004 Micron Technology. Inc.
1/2-INCH VGA (WITH FREEZE-FRAME) CMOS ACTIVE-PIXEL DIGITAL IMAGE SENSOR
In slave mode the user has more control of the sensor but the same basic rules apply; the row time is still always 671 clock cycles. Figure 25 provides a slave mode row timing example for windowing from column 100 to column 200. The row processing is initiated by raising ROW_STRT and requires 671 clock cycles to complete. The user can readout the desired window of columns by lowering LD_SHFT_N and the specified columns will appear on the output with a 3.5 SYSCLK delay. Even though the windowed columns can be readout at the beginning of a row, the user must still wait the required 671 clock cycles for the row processing to complete before initiating the processing of the next row with ROW_STRT. Figure 26 provides a slave mode frame timing example for windowing from row 300 to row 400 which--similar to the master mode-- shows how changing the number of rows in a window will increase the frame rate.
Figure 25: Row Timing for Slave Mode with Windowing
1 671 1
SYSCLK (input) ROW_STRT (input) LD_SHFT_N (input) DATA [9:0] (output)
3.5 SYSCLK DELAY
(( ))
(( ))
(( ))
(( ))
(( )) (( )) (( ))
(( )) (( )) (( ))
XXX
100
101
102
199
200
Start Column
Stop Column
Figure 26: Frame Timing for Slave Mode with Windowing
FRAME_SYNC_N (input) ROW_STRT (input) LD_SHFT_N (input) DATA [9:0] (output)
Row 400 Row 300 Row 301 Row 302 Row 303
(( ))
(( ))
(( ))
(( ))
(( )) (( )) (( ))
Row 395 Row 396 Row 397 Row 398 Row 399 Row 400 Row 300 Row 301 Row 302 Row 303
(( )) (( )) (( ))
Row 395 Row 396 Row 397 Row 398 Row 399
Start Row
Stop Row
09005aef80c07280 MT9V403_DS.fm - Rev. B 1/04 EN
19
Micron Technology, Inc., reserves the right to change products or specifications without notice. (c)2004 Micron Technology. Inc.
1/2-INCH VGA (WITH FREEZE-FRAME) CMOS ACTIVE-PIXEL DIGITAL IMAGE SENSOR
Electronic Shutter Exposure Control
For the master and snapshot mode the electronic shutter's exposure duration (integration time) is programmed via the two-wire serial interface. The MT9V403 shutter can be operated to generate continuous video output (simultaneous master mode or sequential master mode) or capture single images (snapshot mode). The minimum integration time in master or snapshot mode is 2 row times. With a 66 MHz SYSCLK the minimum integration time is 20s (10s row time 2 rows). The maximum integration time is either is 256 frame times (1.3 sec @ 200 fps) or the inverse of the frame rate. When in simultaneous master mode, the maximum integration time is limited by the inverse of the frame rate because one cannot integrate longer than a frame time. With a 66 MHz clock and full resolution (502 rows) the maximum integration time is 5ms (= 1/200 fps). In sequential master mode or snapshot mode the maximum integration time is limited to 256 frame times. Table 5 shows some examples of how the maximum integration time changes with resolution and clock speed.
Table 5:
Maximum Integration Time vs. Resolution and Clock Speed
CLOCK SPEED (SYSCLK) 66 MHz 66 MHz 66 MHz 66 MHz 24 MHz 24 MHz 24 MHz 24 MHz 10 MHz FRAME TIME {= N x 671 x 1/FSYSCLK} 5.1ms 2.6ms 1.3ms 0.6ms 14ms 7ms 5.1ms 1.8ms 33ms MAXIMUM INTEGRATION TIME 1.3 sec 0.7 sec 0.3 sec 0.2 sec 3.6 sec 1.8 sec 0.9 sec 0.4 sec 8 sec
Sequential mode or snapshot mode RESOLUTION (# OF ROWS) 502 (full resolution) 251 125 63 502 (full resolution) 251 125 63 502 (full resolution)
Readout Scanning
The MT9V403 can operate in either progressive scan or interlaced scan modes. Progressive scan is the default mode. In the interlace scan mode there are two readout options. The frame synchronization waveforms for interlaced scanning are shown in Figure 27,
which shows alternating readout of the even-numbered and odd-numbered rows in consecutive frames. There is also an option that allows sequential readout of only the odd or even rows of a frame (effectively a X2 vertical subsampling of the image).
Figure 27: Frame Synchronization Waveforms for Interlaced Scanning
Odd Field Marker
FRAME_VALID
ROW_VALID
Row 2
Row 4
Row 494
Row 1
Row 493
09005aef80c07280 MT9V403_DS.fm - Rev. B 1/04 EN
20
Micron Technology, Inc., reserves the right to change products or specifications without notice. (c)2004 Micron Technology. Inc.
1/2-INCH VGA (WITH FREEZE-FRAME) CMOS ACTIVE-PIXEL DIGITAL IMAGE SENSOR
Gain Settings
There are four independent gain controls which are programmed via the two-wire serial interface. The four gains correspond to four cells of the Bayer pattern color filter array: red, green1, blue, and green2. The gain step size can be set to 1 or 0.5. When the step size is 1 the gain can programmed in 18 steps from X1 to X18. When the step size is 0.5, the gain can be programmed 18 steps from X1 to X9. Global gain control is achieved by changing the four gains equally and simultaneously. To obtain the desired analog signal chain gain, set the following registers as shown in Table 6. should not have to be changed for different imaging conditions. VLN2: Internal default value should be used as the starting point. VLN2 controls the current in the ADC comparators and there is a safe range where this voltage has no effect; settings below this range will cause the comparators to fail. For high-speed operation, VLN2 may need to be increased to remove random white spots. VLN2 may be further increased with register 17 by setting bit 0 to "1." If this does not completely solve the problem, set bit 7 in register 18 to disable VLN_OUT. VRST_PIX: Should be set to 2.5V. VREF2: Internal default value is recommended. VLN1: Internal default value is recommended. VOFF: Internal default value is recommended. VREF1: Internal default value is recommended. VLP: Internal default value is recommended. VLN_OUT: Internal default value is recommended. VLN_AMP: Internal default value is recommended. VREF: Internal default value is recommended.
Analog Biases
VLN1, VLP, VOFF, VREF, VREF1, VLN2 VREF2, VLN_AMP, and VLN_OUT are generated on-chip and can be adjusted via a two-wire serial interface. Also, the user may disable internal bias via a two-wire serial interface and apply external voltages to the sensor. VREF1DRV is generated on-chip but its internal bias cannot be disabled. VRST_PIX and VRSTLOW are not generated internally and external voltages must be applied.
Considerations when Setting Analog Voltages
The starting point for setting the analog voltages should be the values suggested in the typical values columns of the Tables 7 and 8. Additionally, Figure 21 on page 17, the "Signal Path Diagram," indicates how the analog voltages affect the image. Other considerations follow: VRSTLOW: Functions as a pixel anti-blooming control. For high illumination conditions (typically used in conjunction with a short integration time) black/white spots may appear. To eliminate these artifacts, this voltage should be set to ~0.4V. Once set, this value
ADC Calibration
The MT9V403 contains a special self-calibrating circuitry that enables it to reduce its own column-wise fixed-pattern noise. This calibration process consists of connecting a calibration signal to each of the 167 ADC inputs and estimating and storing these 167 offsets (as 7 bits) to subtract from subsequent samples. Self-calibration automatically occurs after global logic reset (LRST_N) or the two-wire serial interface (register 12), and programs new offset values for each ADC into calibration memory. These values may be different from those calculated in the previous calibration if there has been a change in environment (e.g., temperature). The accuracy of calibration is approximately 1mVrms.
09005aef80c07280 MT9V403_DS.fm - Rev. B 1/04 EN
21
Micron Technology, Inc., reserves the right to change products or specifications without notice. (c)2004 Micron Technology. Inc.
1/2-INCH VGA (WITH FREEZE-FRAME) CMOS ACTIVE-PIXEL DIGITAL IMAGE SENSOR
Table 6:
0000 0001 0000 0010 0000 0011 0000 0100 0000 0101 0000 0110 0000 0111 0000 1000 0000 1001 0000 1010 0000 1011 0000 1100 0000 1101 0000 1110 0000 1111 0001 0000 0001 0001 0001 0010 0000 0001 0000 0010 0000 0011 0000 0100 0000 0101 0000 0110 0000 0111 0000 1000 0000 1001 0000 1010 0000 1011 0000 1100 0000 1101 0000 1110 0000 1111 0001 0000 0001 0001 0001 0010
Pixel Gain Matrix
REGISTER 53 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 TOTAL GAIN 1.0 2.0 3.0 4.0 5.0 6.0 7. 8.0 9.0 10.0 11.0 12.0 13.0 14.0 15.0 16.0 17.0 18.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5 6.0 6.5 7.0 7.5 8.0 8.5 9.0
REGISTERS 43-46
ADC calibration takes 146 SYSCLK cycles. Nominally, calibration should be initiated through the application of LRST_N, in which case the calibration takes place upon release of the LRST_N. Some applications may require initiating calibration by asynchronously writing a one- to two-wire serial interface to register 12, in which case the calibration is delayed until the beginning of the next frame. Calibration will continue to occur every frame until a zero is written to register
12. A timing diagram for the two-wire serial interface initiated calibration is shown in Figure 28. In master mode and snapshot mode, during twowire serial interface initiated calibration, ROW_VALID goes HIGH for 146 SYSCLK immediately after FRAME_VALID goes HIGH to indicate that the calibration process is occurring. The output of the sensor is interrupted during the calibration process to prevent output noise from corrupting the calibration. After the calibration process is complete, ROW_VALID goes 22
Micron Technology, Inc., reserves the right to change products or specifications without notice. (c)2004 Micron Technology. Inc.
09005aef80c07280 MT9V403_DS.fm - Rev. B 1/04 EN
1/2-INCH VGA (WITH FREEZE-FRAME) CMOS ACTIVE-PIXEL DIGITAL IMAGE SENSOR
LOW and the normal data readout process commences when it returns HIGH. For two-wire serial interface initiated calibration in slave mode, the first ROW_STRT pulse of the calibration frame initiates the 146 SYSCLK calibration process. It is suggested that the user hold LD_SHFT_N HIGH during this calibration process to minimize calibration noise. When the calibration is complete, LD_SHFT_N may be lowered to commence the normal frame readout process.
Figure 28: Two-Wire Serial Interface Initiated Calibration
GLOBAL LOGIC RESET FRAME_VALID ROW_VALID DATA [9:0]
XXX First Valid Row
146 SYSCLK
The calibration coefficients can be read from the MT9V403 and written to it, making it possible to further reduce column-wise fixed pattern noise by externally calculating and writing the proper offset values to the MT9V403. For example, the user may choose to calculate the more precise offset values by averaging several frames and uploading the coefficients to the MT9V403. The user may also calculate coefficients for several temperature values and upload the appropriate values based on the environment. A special write-only two-wire serial interface register (register 15) is dedicated to the calibration data input. Calibration data can be continuously written to this register with an eight-bit write. To write to the calibration register, the typical two-wire serial interface write sequence is adhered to, including address (register 15), followed by 167 eight-bit transfers (note that each coefficient utilizes the 7 LSBs of the eight-bit twowire serial interface word). This writing process must be continuous (ADC 1 to ADC 167) and coefficients cannot be selectively written.
In a similar manner, a special read-only two-wire serial interface register (register 143) is dedicated to calibration data output. Calibration data can be continuously read from this register with an 8-bit read. To read from the calibration register, the typical two-wire serial interface write sequence is adhered to, including address (register 143), followed by 167 8-bit transfers (note that each coefficient utilizes the 7 LSBs of the eight-bits two-wire serial interface word). This reading process must be continuous (ADC 1 to ADC 167) and coefficients cannot be selectively read.
Anti-Eclipse Circuit
The MT9V403 includes a pixel memory reset pulse duration control. This control enables a mode where the reset of the pixel is held for a longer period of time. This can be implemented by setting bit 0 to 7 in register 13. In some extremely bright lighting conditions, this extended reset may prevent the eclipse-like phenomena (black spots on a bright background) to which some CMOS sensors are prone.
09005aef80c07280 MT9V403_DS.fm - Rev. B 1/04 EN
23
Micron Technology, Inc., reserves the right to change products or specifications without notice. (c)2004 Micron Technology. Inc.
1/2-INCH VGA (WITH FREEZE-FRAME) CMOS ACTIVE-PIXEL DIGITAL IMAGE SENSOR
Figure 29: Board Connections
Analog Ground Analog +3.3V Digital +3.3V Digital Ground
6 VDD 27 VDD 36 VDD 43 VDD
VAA 12 VAA 22
Digital +3.3V 1.5k 39 32 37 29 31 38 30 33 26 25 24 8 10F 0.1F SDATA FRAME_SYNC_N SYSCLK EXPOSE ROW_VALID/LD_SHFT_N SCLK FRAME_VALID/ROW_STRT LRST_N PG_N TX RESMEM VREF1DRV
Controller Interface
DATA0 DATA1 DATA2 DATA3 DATA4 DATA5 DATA6 DATA7 DATA8 DATA9
3 2 1 48 47 46 42 45 40 41
Pixel Data Output
VLN2
21 10F 0.1F
Analog +3.3V 1k
Analog +3.3V 1k
17 10F 0.1F
VLN1
VRST_PIX
20 10F 0.1F
Analog +3.3V 1k
Analog +3.3V 1k 0.1F
19 10F
VLP
VREF
16 10F 0.1F
Analog +3.3V 1k
Analog +3.3V 1k
9 10F 0.1F
VREF1
VOFF
13 10F 0.1F
Analog +3.3V 1k
14
VTEST1
VRSTLOW
23 10F 0.1F
Analog +3.3V 1k
Analog +3.3V DGND DGND DGND DGND DGND DGND 1k 0.1F AGND AGND AGND 7 10F VREF2
VLNS
18 10F 0.1F
Analog +3.3V 1k
4 5 28 34 35 44 Digital Ground
09005aef80c07280 MT9V403_DS.fm - Rev. B 1/04 EN
Analog Ground
NOTE: 1. VLN1, VLP, VOFF, VREF, VREF1, VLN2, and VREF2 are generated on-chip, but user may disable internal bias (via twowire serial interface) and apply external voltages to sensor. VREF1DRV is generated on chip but its internal bias cannot be disabled. VRST_PIX and VRSTLOW are not generated internally and external voltages must be applied. 2. All bias pins should be decoupled with 0.1F ceramic and 10F electrolytic capacitors. (Please see board connections.) Capacitors should be placed as physically close as possible to the MT9V403 package. 3. Digital outputs can drive standard CMOS circuits with 30pF load, but less load capacitance results in less substrate noise on-chip. This is recommended to minimize load capacitance for better noise performance.
10 11 15
24
Micron Technology, Inc., reserves the right to change products or specifications without notice. (c)2004 Micron Technology. Inc.
1/2-INCH VGA (WITH FREEZE-FRAME) CMOS ACTIVE-PIXEL DIGITAL IMAGE SENSOR
Figure 30: Propagation Delays for Data Output, Frame Valid, and Row Valid Signals
TplhD, TphlD SYSCLK
DOUT(9:0) tr
TplhF SYSCLK SYSCLK
TphlF
FRAME_VALID tr
FRAME_VALID tr
TplhL SYSCLK SYSCLK
TphlL
ROW_VALID tr
ROW_VALID tr
09005aef80c07280 MT9V403_DS.fm - Rev. B 1/04 EN
25
Micron Technology, Inc., reserves the right to change products or specifications without notice. (c)2004 Micron Technology. Inc.
1/2-INCH VGA (WITH FREEZE-FRAME) CMOS ACTIVE-PIXEL DIGITAL IMAGE SENSOR
Electrical Specifications Table 7:
SYMBOL
tPLHD t t
AC Electrical Characteristics
DEFINITION Data output propagation delay for LOW-to-HIGH transition Data output propagation delay for HIGH-to-LOW transition ROW_VALID propagation delay for LOW-to-HIGH transition ROW_VALID propagation delay for HIGH-to-LOW transition CONDITION CLOAD = 10pF CLOAD = 10pF CLOAD = 10pF CLOAD = 10pF MIN TYP 2 2 2 2 2 2 MAX UNIT ns ns ns ns ns ns
VPWR = 3.3 0.3V; TA = 25C
PHLD PLHL
tPHLL t
PLHLF
FRAME_VALID propagation delay for LOW-to-HIGH transition CLOAD = 10pF FRAME_VALID propagation delay for HIGH-to-LOW transition CLOAD = 10pF
tPHLF
Table 8:
SYMBOL VLN_AMP VLN2 VLN_OUT VLN1 VLP VREF VREF2 VREF1 VOFF VRST_PIX VRSTLOW VTEST VREF1DRV VIH VIL IIN VOH VIH IOH IPWR
DC Electrical Characteristics
DEFINITION CONDITION Internal/External Internal/External Internal/External Internal/External Internal/External Internal/External Internal/External Internal/External Internal/External External Only External Only External Only Internal Only Input High Voltage Input Low Voltage Input Leakage Current Output High Voltage Output Low Voltage Output High Current Supply Current MIN 0.5 0.5 0.5 0.5 1.5 1 0 0 0 1 0 2.5 -0.3 -300 VPWR - 0.2 100 CLK_IN = 42 MHz; default setting 20 TYP1 Internal (0.7) Internal (1.1) Internal (0.8) Internal (0.7) Internal (1.9) Internal (1.6) Internal (1) Internal (1) Internal (0) 2.5 0 - 0.4 0 open MAX 1.5 1.5 1.5 1.5 2.5 2 2 2 3 3.3 1 VPWR + 0.3 0.8 +300 UNIT V V V V V V V V V V V V V V uA V mV mA mA
VPWR = 3.3 0.3V; TA = 25C
No Pull-up Resistor; VIN - VPWR or VGND
220 0.2
NOTE: 1. Where indicated, internally generated biases are typically utilized. The parenthetical number indicates typical value if external voltage is applied. 2. This device contains circuitry to protect the inputs against damage from high static voltages or electric fields, but the user is advised to take precautions to avoid the application of any voltage higher than the maximum rated.
09005aef80c07280 MT9V403_DS.fm - Rev. B 1/04 EN
26
Micron Technology, Inc., reserves the right to change products or specifications without notice. (c)2004 Micron Technology. Inc.
1/2-INCH VGA (WITH FREEZE-FRAME) CMOS ACTIVE-PIXEL DIGITAL IMAGE SENSOR
Two-Wire Serial Bus Timing
The two-wire serial bus operation requires a certain minimum number of master clock cycles between transitions. These are specified below in master clock cycles.
Figure 31: Serial Host Interface Start Condition Timing
5 SCLK 4
Figure 33: Serial Host Interface Data Timing for Write
4 SCLK 4
SDATA
SDATA
NOTE: SDATA is driven by an off-chip transmitter.
Figure 32: Serial Host Interface Stop Condition Timing
5 SCLK 4
Figure 34: Serial Host Interface Data Timing for Read
5 SCLK
SDATA
SDATA
NOTE: All timing are in units of master clock cycle.
NOTE: SDATA is pulled LOW by the sensor, or allowed to be pulled HIGH by a pull-up resistor off-chip.
09005aef80c07280 MT9V403_DS.fm - Rev. B 1/04 EN
27
Micron Technology, Inc., reserves the right to change products or specifications without notice. (c)2004 Micron Technology. Inc.
1/2-INCH VGA (WITH FREEZE-FRAME) CMOS ACTIVE-PIXEL DIGITAL IMAGE SENSOR
Figure 35: Acknowledge Signal Timing After an 8-Bit Write from Sensor
6 SCLK Sensor pulls down SDATA pin 3
SDATA
Figure 36: Acknowledge Signal Timing After an 8-Bit Read to Sensor
7 SCLK Sensor tri-states SDATA pin (turns off pull down) 6
SDATA
NOTE: After a read, the master receiver must pull down SDATA to acknowledge receipt of data bits. When read sequence is complete, the master must generate a no acknowledge by leaving SDATA to float HIGH. On the following cycle, a start or stop bit may be used.
09005aef80c07280 MT9V403_DS.fm - Rev. B 1/04 EN
28
Micron Technology, Inc., reserves the right to change products or specifications without notice. (c)2004 Micron Technology. Inc.
1/2-INCH VGA (WITH FREEZE-FRAME) CMOS ACTIVE-PIXEL DIGITAL IMAGE SENSOR
Electrical Specifications Table 9:
TA = 25C
SYMBOL
RI
Image Sensor Characteristics
PARAMETER Responsivity (ADC VREF1 = 1V) Dark signal non-uniformity Output referred dark signal Internal dynamic range Photo response non-uniformity Pixel saturation level Input referred noise: Overlapped conversion and digital readout (200 fps) Dark current temperature coefficient TYP 1,800 0.5 100 60 1 110,000 98 100 UNIT LSB/lux-sec. %rms mV/sec dB %rms electrons electrons %/8C
DSNU VDRK Dyn_I PRNU NSAT NE KDRK
Table 10: Pixel Array
SYMBOL Resolution Pixel Size Pixel Pitch Pixel Fill Factor Shutter Efficiency PARAMETER Number of pixels in active image X-Y dimensions Center-to-center pixel spacing Area of drawn active area Equals: 1-(leakage into in pixel memory) TYP 659 x 494 9.9 9.9 50 98.5 UNIT pixels m m % %
09005aef80c07280 MT9V403_DS.fm - Rev. B 1/04 EN
29
Micron Technology, Inc., reserves the right to change products or specifications without notice. (c)2004 Micron Technology. Inc.
1/2-INCH VGA (WITH FREEZE-FRAME) CMOS ACTIVE-PIXEL DIGITAL IMAGE SENSOR
Figure 37: Quantum Efficiency - Monochrome
35
30
Quantum Efficiency (%)
25
20
15
10
5
0 350
450
550
650
750
850
950
1050
Wavelength (nm)
Figure 38: Quantum Efficiency - Color
25
20
Blue Green (B) Green (R) Red
Quantum Efficiency (%)
15
10
5
0 350
450
550
650
750
850
950
1050
Wavelength (nm)
09005aef80c07280 MT9V403_DS.fm - Rev. B 1/04 EN
30
Micron Technology, Inc., reserves the right to change products or specifications without notice. (c)2004 Micron Technology. Inc.
1/2-INCH VGA (WITH FREEZE-FRAME) CMOS ACTIVE-PIXEL DIGITAL IMAGE SENSOR
Figure 39: Pixel Array Offset Drawing
14.22.013 (Square) 9.149
(502, 667)
4.97
8.915
1.3180.2
(1, 1)
6.61
PIN 1
0.2670.25
NOTE: 1. All dimensions are in millimeters. 2. Tolerance on die placement is 0.25mm. 3. Rotation <2. 4. Tilt 2 mils.
Figure 40: Package Drawing - Top View
14.07 14.52 42 43 31 30
13.16 sq 13.26 sq
6 7 18
19
NOTE: 1. Dimensions in mm.
------------2. MAX MIN
09005aef80c07280 MT9V403_DS.fm - Rev. B 1/04 EN
31
Micron Technology, Inc., reserves the right to change products or specifications without notice. (c)2004 Micron Technology. Inc.
1/2-INCH VGA (WITH FREEZE-FRAME) CMOS ACTIVE-PIXEL DIGITAL IMAGE SENSOR
Figure 41: Package View - Bottom View
11.18 TYP 1.02 TYP 31 30 42 43 1.52 TYP
48 Pin No.1 index 0.51 TYP 19 18 1.02 TYP 7 1.75 2.25 6
Figure 42: Package Drawing - Side View
0.50 0.60 glass 1.01 1.27 0.38 0.56 0.746 1.178 0.710 0.740 0.246 0.578
Die
1.11 1.34
1.91 2.46
NOTE: 1. Dimensions in millimeters. 2. Borosilicate: glass with refractive index: 1.52nm at 546nm.
------------3. MAX MIN
Data Sheet Designation
No Marking: This data sheet contains minimum and maximum limits specified over the complete power supply and temperature range for production devices. Although considered final, these specifications are subject to change, as further product development and data characterization sometimes occur.
(R)
8000 S. Federal Way, P.O. Box 6, Boise, ID 83707-0006, Tel: 208-368-3900 E-mail: prodmktg@micron.com, Internet: http://www.micron.com, Customer Comment Line: 800-932-4992
Micron, the M logo, the Micron logo, and TrueSNAP are trademarks of Micron Technology, Inc. All other trademarks are the property of their respective owners.
09005aef80c07280 MT9V403_DS.fm - Rev. B 1/04 EN Micron Technology, Inc., reserves the right to change products or specifications without notice.. (c)2004 Micron Technology, Inc
32
1/2-INCH VGA (WITH FREEZE-FRAME) CMOS ACTIVE-PIXEL DIGITAL IMAGE SENSOR
Revision History
Rev B, ...............................................................................................................................................................................1/04 * Removed Preliminary Status * Updated Figure 13 * Updated IIN Input Leakage current specifications in the DC Characteristics Table * Added high-static note to DC Characteristics Table Rev 0.7, Preliminary ........................................................................................................................................................8/03 * Initial Release of document
09005aef80c07280 MT9V403_DS.fm - Rev. B 1/04 EN
33
Micron Technology, Inc., reserves the right to change products or specifications without notice. (c)2004 Micron Technology. Inc.


▲Up To Search▲   

 
Price & Availability of MT9V403

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X